Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download AD605BR-REEL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Two Independent Linear-in-dB Channels Input Noise at Maximum Gain: 1.8 nV/Hz, 2.7 pA/Hz Bandwidth: 40 MHz (-3 dB) Differential Input Absolute Gain Range Programmable: -14 dB to +34 dB (FBK Shorted to OUT) Through 0 dB to +48 dB (FBK Open) Variable Gain Scaling: 20 dB/V Through 40 dB/V Stable Gain with Temperature and Supply Variations Single-Ended Unipolar Gain Control Output Common-Mode Independently Set Power Shutdown at Lower End of Gain Control Single 5 V Supply Low Power: 90 mW/Channel Drives A/D Converters Directly APPLICATIONS Ultrasound and Sonar Time-Gain Control High Performance AGC Systems Signal Measurement
Dual, Low Noise, Single-Supply Variable Gain Amplifier AD605
FUNCTIONAL BLOCK DIAGRAM
FIXED GAIN AMPLIFIER +34.4dB OUT FBK VGN GAIN CONTROL AND SCALING PRECISION PASSIVE INPUT ATTENUATOR
VREF
VOCM +IN -IN DIFFERENTIAL ATTENUATOR 0 TO -48.4dB
AD605
GENERAL DESCRIPTION
The AD605 is a low noise, accurate, dual channel, linear-in-dB variable gain amplifier, which is optimized for any application requiring high performance, wide bandwidth variable gain control. Operating from a single 5 V supply, the AD605 provides differential inputs and unipolar gain control for ease of use. Added flexibility is achieved with a user-determined gain range and an external reference input which provides user-determined gain scaling (dB/V). The high performance linear-in-dB response of the AD605 is achieved with the differential input, single supply, exponential amplifier (DSX-AMP) architecture. Each of the DSX-AMPs comprise a variable attenuator of 0 dB to -48.4 dB followed by a high speed fixed gain amplifier. The attenuator is based on a 7-stage R-1.5R ladder network. The attenuation between tap points is 6.908 dB, and 48.360 dB for the entire ladder network. The DSX-AMP architecture results in 1.8 nV/Hz input noise spectral density and will accept a 2.0 V input signal when VOCM is biased at VP/2.
Each independent channel of the AD605 provides a gain range of 48 dB which can be optimized for the application. Gain ranges between -14 dB to +34 dB and 0 dB to +48 dB can be selected by a single resistor between pins FBK and OUT. The lower and upper gain ranges are determined by shorting pin FBK to OUT, or leaving pin FBK unconnected, respectively. The two channels of the AD605 can be cascaded to provide 96 dB of very accurate gain range in a monolithic package. The gain control interface provides an input resistance of approximately 2 M and scale factors from 20 dB/V to 30 dB/V for a VREF input voltage of 2.5 V to 1.67 V, respectively. Note that scale factors up to 40 dB/V are achievable with reduced accuracy for scales above 30 dB/V. The gain scales linearly in dB with control voltages (VGN) of 0.4 V to 2.4 V for the 20 dB/V scale and 0.20 V to 1.20 V for the 40 dB/V scale. When VGN is <50 mV the amplifier is powered down to draw 1.9 mA. Under normal operation, the quiescent supply current of each amplifier channel is only 18 mA. The AD605 is available in 16-lead PDIP and SOIC, and is guaranteed for operation over the -40C to +85C temperature range.
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2004 Analog Devices, Inc. All rights reserved.
AD605-SPECIFICATIONS (Scaling = 20 dB/V), -14 dB to +34 dB gain range, unless otherwise noted.)
Model Parameter INPUT CHARACTERISTICS Input Resistance Input Capacitance Peak Input Voltage Input Voltage Noise Input Current Noise Noise Figure Common-Mode Rejection Ratio OUTPUT CHARACTERISTICS -3 dB Bandwidth Slew Rate Output Signal Range Output Impedance Output Short-Circuit Current Harmonic Distortion HD2 HD3 HD2 HD3 Two-Tone Intermodulation Distortion (IMD) 1 dB Compression Point Third Order Intercept Channel-to-Channel Crosstalk Conditions AD605A Min Typ Max 175 40 3.0 2.5 2.5 1.8 2.7 8.4 12 -20 40 170 2.5 1.5 2 40 -64 -68 -51 -53 -72 -60 +15 -1 -70 2.0 45 AD605B Min Typ 175 40 3.0 2.5 2.5 1.8 2.7 8.4 12 -20 40 170 2.5 1.5 2 40 -64 -68 -51 -53 -72 -60 +15 -1 -70 2.0 45
(Each channel @ TA = 25 C, VS = 5 V, RS = 50
, RL = 500
, CL = 5 pF, VREF = 2.5 V
Max Unit pF V nV/Hz pA/Hz dB dB dB MHz V/s V mA dBc dBc dBc dBc dBc dBc dBm dBm dB
At Minimum Gain VGN = 2.9 V VGN = 2.9 V RS = 50 , f = 10 MHz, VGN = 2.9 V RS = 200 , f = 10 MHz, VGN = 2.9 V f = 1 MHz, VGN = 2.65 V Constant with Gain VGN = 1.5 V, Output = 1 V Step RL 500 f = 10 MHz VGN = 1 V, VOUT = 1 V p-p, f = 1 MHz f = 1 MHz f = 10 MHz f = 10 MHz R S = 0 , VGN = 2.9 V, VOUT = 1 V p-p f = 1 MHz f = 10 MHz f = 10 MHz, VGN = 2.9 V, Output Referred f = 10 MHz, VGN = 2.9 V, VOUT = 1 V p-p, Input Referred Ch1: VGN = 2.65 V, Inputs Shorted, Ch2: VGN = 1.5 V (Mid Gain), f = 1 MHz, VOUT = 1 V p-p 1 MHz < f < 10 MHz, Full Gain Range
Group Delay Variation VOCM Input Resistance ACCURACY Absolute Gain Error -14 dB to -11 dB -11 dB to +29 dB +29 dB to +34 dB Gain Scaling Error Output Offset Voltage Output Offset Variation GAIN CONTROL INTERFACE Gain Scaling Factor Gain Range Input Voltage (VGN) Range Input Bias Current Input Resistance Response Time POWER SUPPLY Supply Voltage Power Dissipation VREF Input Resistance Quiescent Supply Current Power Down Power-Up Response Time Power-Down Response Time
ns k
0.25 V < VGN < 0.40 V 0.40 V < VGN < 2.40 V 2.40 V < VGN < 2.65 V 0.4 V < VGN < 2.4 V VREF = 2.500 V, VOCM = 2.500 V VREF = 2.500 V, VOCM = 2.500 V VREF = 2.5 V, 0.4 V < VGN < 2.4 V VREF = 1.67 V FBK Short to OUT FBK Open 20 dB/V, VREF = 2.5 V
-1.2 -1.0 -3.5 -50
+1.0 0.3 -1.25 0.25 30 30
+3.0 +1.0 +1.2 50 95
-1.2 +0.75 -1.0 0.2 -3.5 -1.25 0.25 -50 30 30 19
+3.0 +1.0 +1.2 50 50
dB dB dB dB/V mV mV dB/V dB/V dB dB V A M s V mW k mA mA s s
19
48 dB Gain Change 4.5
20 21 30 -14 - +34 0 - +48 0.1 - 2.9 -0.4 2 0.2 5.0 90 10 18 1.9 0.6 0.4 5.5
20 21 30 -14 - +34 0 - +48 0.1 - 2.9 -0.4 2 0.2 5.0 90 10 18 1.9 0.6 0.4 5.5
4.5
VPOS VPOS, VGN < 50 mV 48 dB Gain, VOUT = 2 V p-p
23 3.0
23 3.0
-2-
REV. C
AD605
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage +VS Pins 12, 13 (with Pins 4, 5 = 0 V) . . . . . . . . . . . . . . . 6.5 V Input Voltage Pins 1-3, 6-9, 16 . . . . . . . . . . . . . . . . VPOS, 0 Internal Power Dissipation Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4 W Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 W Operating Temperature Range . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature, Soldering 60 seconds . . . . . . . . . . 300C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PIN CONFIGURATION
VGN1 1 -IN1 2 +IN1 3 GND1 4
16 VREF 15 OUT1 14 FBK1
13 VPOS TOP VIEW GND2 5 (Not to Scale) 12 VPOS +IN2 6 -IN2 7 VGN2 8 11 FBK2 10 OUT2 9 VOCM
AD605
ORDERING GUIDE
Model AD605AN AD605AR AD605AR-REEL AD605AR-REEL7 AD605BN AD605BR AD605BR-REEL AD605BR-REEL7 AD605ACHIPS AD605-EB
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package Description PDIP SOIC SOIC 13" Reel SOIC 7" Reel PDIP SOIC SOIC 13" Reel SOIC 7" Reel DIE Evaluation Board
Package Option N-16 R-16 R-16 R-16 N-16 R-16 R-16 R-16
JA
85C/W 100C/W 100C/W 100C/W 85C/W 100C/W 100C/W 100C/W
PIN FUNCTION DESCRIPTIONS 16-Lead Package for Dual Channel AD605
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Mnemonic VGN1 -IN1 +IN1 GND1 GND2 +IN2 -IN2 VGN2 VOCM OUT2 FBK2 VPOS VPOS FBK1 OUT1 VREF
Description CH1 Gain-Control Input and Power-Down Pin. If grounded, device is off, otherwise positive voltage increases gain. CH1 Negative Input. CH1 Positive Input. Ground. Ground. CH2 Positive Input. CH2 Negative Input. CH2 Gain-Control Input and Power-Down Pin. If grounded, device is off, otherwise positive voltage increases gain. Input to this pin defines common-mode voltage for OUT1 and OUT2. CH2 Output. Feedback Pin that Selects Gain Range of CH2. Positive Supply. Positive Supply. Feedback Pin that Selects Gain Range of CH1. CH1 Output. Input to this pin sets gain-scaling for both channels: 2.5 V = 20 dB/V, 1.67 V = 30 dB/V.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD605 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. C
-3-
AD605-Typical Performance Characteristics (per Channel)
(VREF = 2.5 V (20 dB/V Scaling), f = 1 MHz, RL = 500
40 -40 C, +25 C, +85 C 30 20
GAIN (dB)
, CL = 5 pF, TA = 25 C, VSS = 5 V)
50 40 30
40 30
FBK (OPEN)
ACTUAL 30dB/V (VREF = 1.67V)
ACTUAL
20
GAIN (dB)
GAIN (dB)
20 FBK (SHORT) 10 0
10 0
10 0
20dB/V (VREF = 2.50V)
-10 -20 0.1
-10 -20 0.1
-10 -20 0.1
0.5
0.9
1.3 1.7 VGN (V)
2.1
2.5
2.9
0.5
0.9
1.3 1.7 VGN (V)
2.1
2.5
2.9
0.5
0.9
1.3 1.7 VGN (V)
2.1
2.5
2.9
TPC 1. Gain vs. VGN
TPC 2. Gain vs. VGN for Different Gain Ranges
TPC 3. Gain vs. VGN for Different Gain Scalings
40.0 37.5 35.0 THEORETICAL
3.0 2.5 2.0 1.5
GAIN ERROR (dB)
2.0 1.5 1.0
GAIN SCALING (dBV)
1.0 0.5 0.0 -0.5 -1.0 -1.5 -2.0 -2.5
32.5 30.0 27.5 25.0 22.5
-40 C
GAIN ERROR (dB)
f = 1MHz 0.5 0.0 f = 5MHz -0.5 -1.0 -1.5 f = 10MHz
ACTUAL
+25 C +85 C
20.0 1.25
1.50
1.75 2.00 VREF (V)
2.25
2.50
-3.0 0.2
0.7
1.2 1.7 VGN (V)
2.2
2.7
-2.0 0.2
0.7
1.2 1.7 VGN (V)
2.2
2.7
TPC 4. Gain Scaling vs. VREF
TPC 5. Gain Error vs. VGN at Different Temperatures
TPC 6. Gain Error vs. VGN at Different Frequencies
20 18 16 14 N = 50 G(dB) = G(CH1) - G(CH2)
PERCENTAGE
20 18 16 14 12 10 8 6 4 2
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8
N = 50 G(dB) = G(CH1) - G(CH2)
PERCENTAGE
12 10 8 6 4 2 0
0
-0.8 -0.6 -0.4 -0.2
0.0
0.2
0.4
0.6
0.8
DELTA GAIN (dB)
DELTA GAIN (dB)
TPC 7. Gain Error vs. VGN for Different Gain Scalings
TPC 8. Gain Match, VGN1 = VGN2 = 1.0 V
TPC 9. Gain Match, VGN1 = VGN2 = 2.50 V
-4-
REV. C
AD605
60 40 20
GAIN (dB)
VGN = 2.9V (FBK = OPEN) VGN = 2.9V (FBK = SHORT) VGN = 1.5V (FBK = OPEN) VGN = 1.5V (FBK = SHORT) VGN = 0.1V (FBK = OPEN)
2.525 2.520 2.515
VOCM = 2.50V -40 C
130 125 +85 C 120
+25 C
NOISE (nV/ Hz)
2.510
VOS (V)
2.505 2.500 2.495 2.490
115 110 105 100 95
+25 C
0
VGN = 0.1V (FBK = SHORT)
+85 C
-40 C
-20
VGN = 0.0V
-40 -60 100k
2.485 2.480
10M 1M FREQUENCY (Hz)
100M
2.475 0 0.5 1.0 1.5 2.0 VGN (V) 2.5 3.0
90
0
0.5
1.0
1.5 2.0 VGN (V)
2.5
3.0
TPC 10. AC Response
TPC 11. Output Offset vs. VGN
TPC 12. Output Referred Noise vs. VGN
1000
2.00 VGN = 2.9V 1.95
1.90 VGN = 2.9V 1.85
1.90
NOISE (nV/ Hz)
NOISE (nV/ Hz)
-20 0 20 40 60 TEMPERATURE ( C) 80 90
100
NOISE (nV/ Hz)
1.85 1.80 1.75 1.70 1.65
1.80 1.75 1.70 1.65 1.60 100k
10
1 0.1
0.5
0.9
1.3 1.7 VGN (V)
2.1
2.5
2.9
1.60 -40
1M FREQUENCY (Hz)
10M
TPC 13. Input Referred Noise vs. VGN
TPC 14. Input Referred Noise vs. Temperature
TPC 15. Input Referred Noise vs. Frequency
100 VGN = 2.9V
30 VGN = 2.9V 25
NOISE FIGURE (dB)
60 RS = 50 50
10
NOISE FIGURE (dB)
10 100 RSOURCE ( ) 1k
NOISE (nV/ Hz)
40 30 20 10
20
15
1
RSOURCE ALONE
10
0.1
1
10 100 Frequency ( )
1k
5 1
0 0.1
0.5
0.9
1.3 1.7 VGN (V)
2.1
2.5
2.9
TPC 16. Input Referred Noise vs. RSOURCE
TPC 17. Noise TPC vs. RSOURCE
TPC 18. Noise TPC vs. VGN
REV. C
-5-
AD605
-30
-35
-20 -30
HD3 (10MHz)
HARMONIC DISTORTION (dBc)
HARMONIC DISTORTION (dBc)
-35 -40 -45 -50 -55
VO = 1V p-p VGN = 1.0V
-40 -45 -50 HD2 (1MHz) -55 -60 -65 -70 -75 0.5 HD3 (1MHz) 0.8 1.1 1.4 1.7 2.0 VGN (V) 2.3 2.6 2.9 HD2 (10MHz)
-40 -50
POUT (dBm)
f = 10MHz VO = 1V p-p VGN = 1.0V
-60 -70 -80 -90
HD3 HD2
-60 -65 -70 100k 10M 1M FREQUENCY (Hz) 100M
-100 -110 -120 9.92 9.96 10 10.02 FREQUENCY (MHz) 10.04
TPC 19. Harmonic Distortion vs. Frequency
TPC 20. Harmonic Distortion vs. VGN
TPC 21. Intermodulation Distortion
15 10 5
PIN (dBm)
35 VO = 1V p-p 30
INPUT GENERATOR LIMIT = 21 dBm
2V VO = 2V p-p VGN = 1.5V
25
INTERCEPT (dBm)
20 f = 10MHz 15 10 5 0
0 -5
-10 -15 -20 0.1 FREQ = 10MHz FREQ = 1MHz 0.5 0.9 1.3 1.7 VGN (V) 2.1 2.5 2.9
400mV / DIV
f = 1MHz
-5 0.6
1
1.4
1.8 2.2 VGN (V)
2.6
3
-2V 253ns
100ns / DIV
1.253 s
TPC 22. 1 dB Compression vs. VGN
TPC 23. Third Order Intercept vs. VGN
TPC 24. Large Signal Pulse Response
200 VO = 200mV p-p VGN = 1.5V
500mV 2.9V
100 90
500mV 2.9V
100 90
VGN (V)
40mV / DIV
10 0%
VGN(V)
10
TRIG'D
0.0V
0.1V 500mV 200ns
0%
500mV
100ns
-200 253ns
100ns / DIV
1.253 s
TPC 25. Small Signal Pulse Response
TPC 26. Power-Up/Down Response
TPC 27. Gain Response
-6-
REV. C
AD605
-30 -40
CROSSTALK (dB)
VGN1 = 1V VOUT1 = 1V p-p VIN2 = GND
0 VIN = 0dBm -10 -20
INPUT IMPEDANCE ( )
180 VGN = 2.9V 175
VGN = 2.9V
170 165 160 155 150 145 140 100k
-50 VGN2 = 2.9V -60 -70 -80 -90 100k VGN2 = 2.0V VGN2 = 0.1V 1M 10M FREQUENCY (Hz) 100M VGN2 = 2.5V
CMRR (dB)
VGN = 2.5V -30 VGN = 2.0V -40 VGN = 0.1V -50 -60 100k
10M 1M FREQUENCY (Hz)
100M
1M 10M FREQUENCY (Hz)
100M
TPC 28. Crosstalk (CH1 to CH2) vs. Frequency
TPC 29. Common-Mode Rejection vs. Frequency
TPC 30. Input Impedance vs. Frequency
25 +IS (AD605) 20
16 14 12
DELAY (ns)
SUPPLY CURRENT (mA)
15
10 8
10
VGN = 0.1V
5 +IS (VGN = 0) 0 -40
6 VGN = 2.9V 4 100k
-20
0 20 40 60 TEMPERATURE ( C)
80 90
10M 1M FREQUENCY (Hz)
100M
TPC 31. Supply Current (One Channel) vs. Temperature
TPC 32. Group Delay vs. Frequency
REV. C
-7-
AD605
VREF VGN C1 +IN EXT C2 -IN VPOS R3 200k VOCM C3 EXT R4 200k 175 G2 R2 20 R1 820 FBK 3.36k DIFFERENTIAL ATTENUATOR G1 Ao OUT 175 GAIN CONTROL DISTRIBUTED GM
Figure 1. Simplified Block Diagram of a Single Channel of the AD605
THEORY OF OPERATION
The AD605 is a dual channel, low noise variable gain amplifier. Figure 1 shows the simplified block diagram of one channel. Each channel consists of a single-supply X-AMP(R) (hereafter called DSX, differential single-supply X-AMP) comprised of (a) precision passive attenuator (differential ladder) (b) gain control block (c) VOCM buffer with supply splitting resistors R3 and R4 (d) active feedback amplifier1 (AFA) with gain setting resistors R1 and R2 The linear-in-dB gain response of the AD605 can generally be described by Equation 1. G (dB) = (Gain Scaling (dB/V)) x (Gain Control (V)) - (19 dB - (14 dB) x (FB)) where FB = 0 if FBK-to-OUT are shorted, FB = 1 if FBK-to-OUT is open. Each channel provides between -14 dB to +34.4 dB through 0 dB to +48.4 dB of gain depending on the value of the resistance connected between pin FBK and OUT. The center 40 dB of gain is exactly linear-in-dB while the gain error increases at the top and bottom of the range. The gain is set by the gain control voltage (VGN). The VREF input establishes the gain scaling. The useful gain scaling range is between 20 dB/V and 40 dB/V for a VREF voltage of 2.5 V and 1.25 V, respectively. For example, if FBK to OUT were shorted and VREF were set to 2.50 V (to establish a gain scaling of 20 dB/V), the gain equation would simplify to G (dB) = (20 (dB/V )) x (VGN (V )) - 19 dB (2) The desired gain can then be achieved by setting the unipolar gain control (VGN) to a voltage within its nominal operating range of 0.25 V to 2.65 V (for 20 dB/V gain scaling). The gain is monotonic for a complete gain control range of 0.1 V to 2.9 V. Maximum gain can be achieved at a VGN of 2.9 V. Since the two channels are identical, only Channel 1 will be used to describe their operation. VREF and VOCM are the only inputs that are shared by the two channels, and since they are normally ac grounds, crosstalk between the two channels is minimized. For highest gain scaling accuracy, VREF should have an external low impedance voltage source. For low accuracy 20 dB/V applications, the VREF input can be decoupled with a capacitor to ground. In this mode the gain scaling will be
1
determined by the midpoint between +VCC and GND, so care should be taken to control the supply voltage to 5 V. The input resistance looking into the VREF pin is 10 k 20%. The AD605 is a single-supply circuit and the VOCM pin is used to establish the dc level of the midpoint of this portion of the circuit. VOCM needs only an external decoupling capacitor to ground to center the midpoint between the supply voltages (5 V, GND); however if the dc level of the output is important to the user (see Applications section for the AD9050 data sheet example), then VOCM can be specifically set. The input resistance looking into the VOCM pin is 45 k 20%.
Differential Ladder (Attenuator)
(1)
The attenuator before the fixed gain amplifier is realized by a differential 7-stage R-1.5R resistive ladder network with an untrimmed input resistance of 175 single-ended or 350 differentially. The signal applied at the input of the ladder network (Figure 2) is attenuated by 6.908 dB per tap; thus, the attenuation at the first tap is 6.908 dB, at the second, 13.816 dB, and so on all the way to the last tap where the attenuation is 48.356 dB. A unique circuit technique is used to interpolate continuously between the tap points, thereby providing continuous attenuation from 0 dB to -48.36 dB. One can think of the ladder network together with the interpolation mechanism as a voltage-controlled potentiometer. Since the DSX is a single-supply circuit, some means of biasing its inputs must be provided. Node MID together with the VOCM buffer performs this function. Without internal biasing, external biasing would be required. If not done carefully, the biasing network can introduce additional noise and offsets. By providing internal biasing, the user is relieved of this task and only needs to ac couple the signal into the DSX. It should be made clear again that the input to the DSX is still fully differential if driven differentially, i.e., pins +IN and -IN see the same signal but with opposite polarity. What changes is the load as seen by the driver; it is 175 when each input is driven singleended, but 350 when driven differentially. This can be easily explained when thinking of the ladder network as just two 175 resistors connected back-to-back with the middle node, MID, being biased by the VOCM buffer. A differential signal applied between nodes +IN and -IN will result in zero current into node MID, but a single-ended signal applied to either input +IN or -IN while the other input is ac grounded will cause the current delivered by the source to flow into the VOCM buffer via node MID.
To understand the active-feedback amplifier topology, refer to the AD830 data sheet. The AD830 is a practical implementation of the idea.
-8-
REV. C
AD605
R +IN 1.5R MID 1.5R R -IN NOTE: R = 96 1.5R = 144 1.5R R R 1.5R R 1.5R R 1.5R R 1.5R R 1.5R 175 -6.908dB R -13.82dB 1.5R R -20.72dB 1.5R R -27.63dB 1.5R R -34.54dB 1.5R R -41.45dB 1.5R R -48.36dB 1.5R 175
Figure 2. R-1.5R Dual Ladder Network
One feature of the X-AMP architecture is that the output referred noise is constant versus gain over most of the gain range. This can be easily explained by looking at Figure 2 and observing that the tap resistance is equal for all taps after only a few taps away from the inputs. The resistance seen looking into each tap is 54.4 which makes 0.95 nV/Hz of Johnson noise spectral density. Since there are two attenuators, the overall noise contribution of the ladder network is 2 times 0.95 nV/Hz or 1.34 nV/Hz, a large fraction of the total DSX noise. The rest of the DSX circuit components contribute another 1.20 nV/Hz which together with the attenuator produces 1.8 nV/Hz of total DSX input referred noise.
AC Coupling
From these equations one can see that all gain curves intercept at the same -19 dB point; this intercept will be 14 dB higher (-5 dB) if the FBK to OUT connection is left open. Outside of the central linear range, the gain starts to deviate from the ideal control law but still provides another 8.4 dB of range. For a given gain scaling one can calculate VREF as shown in Equation 6.
V REF = 2.500V x 20 dB /V Gain Scale
30dB/V 20dB/V
(6)
40dB/V 35 30 25 20 15
GAIN (dB)
The DSX is a single, single-supply circuit and therefore its inputs need to be ac-coupled to accommodate ground-based signals. External capacitors C1 and C2 in Figure 1 level shift the input signal from ground to the dc value established by VOCM (nominal 2.5 V). C1 and C2, together with the 175 looking into each of DSX inputs (+IN and -IN), will act as high-pass filters with corner frequencies depending on the values chosen for C1 and C2. For example, if C1 and C2 are 0.1 F, then together with the 175 input resistance of each side of the differential ladder of the DSX, a -3 dB high-pass corner at 9.1 kHz is formed. If the DSX output needs to be ground referenced, then another ac-coupling capacitor will be required for level shifting. This capacitor will also eliminate any dc offsets contributed by the DSX. With a nominal load of 500 and a 0.1 F coupling capacitor, this adds a high-pass filter with -3 dB corner frequency at about 3.2 kHz. The choice for all three of these coupling capacitors depends on the application. They should allow the signals of interest to pass unattenuated, while at the same time they can be used to limit the low frequency noise in the system.
Gain Control Interface
LINEAR-IN-dB RANGE OF AD605
10 5 0 0.5 -5 1.0 1.5 2.0 2.5 3.0 GAIN CONTROL VOLTAGE
-10 -15 -20
Figure 3. Ideal Gain Curves vs. VREF
The gain control interface provides an input resistance of approximately 2 M at pin VGN1 and gain scaling factors from 20 dB/V to 40 dB/V for VREF input voltages of 2.5 V to 1.25 V, respectively. The gain varies linearly-in-dB for the center 40 dB of gain range, that is for VGN equal to 0.4 V to 2.4 V for the 20 dB/V scale, and 0.25 V to 1.25 V for the 40 dB/V scale. Figure 3 shows the ideal gain curves when the FBK to OUT connection is shorted as described by the following equations: G (20 dB/V ) = 20 x VGN - 19, VREF = 2.500 V G (30 dB/V ) = 30 x VGN - 19, VREF = 1.6666 V G (40 dB/V ) = 40 x VGN - 19, VREF = 1.250 V (3) (4) (5)
Usable gain control voltage ranges are 0.1 V to 2.9 V for 20 dB/V scale and 0.1 V to 1.45 V for the 40 dB/V scale. VGN voltages of less than 0.1 V are not used for gain control since below 50 mV the channel is powered down. This can be used to conserve power and at the same time gate-off the signal. The supply current for a powered-down channel is 1.9 mA, the response time to power the device on or off is less than 1 s.
Active Feedback Amplifier (Fixed Gain Amp)
To achieve single-supply operation and a fully differential input to the DSX, an active feedback amplifier (AFA) was utilized. The AFA is basically an op amp with two gm stages; one of the active stages is used in the feedback path (therefore the name), while the other is used as a differential input. Note that the differential input is an open-loop gm stage which requires that it be highly linear over the expected input signal range. In this design, the gm stage that senses the voltages on the attenuator is a distributed one; for example, there are as many gm stages as there are taps on the ladder network. Only a few of them are on at any one time, depending on the gain control voltage.
REV. C
-9-
AD605
The AFA makes a differential input structure possible since one of its inputs (G1) is fully differential; this input is made up of a distributed gm stage. The second input (G2) is used for feedback. The output of G1 will be some function of the voltages sensed on the attenuator taps which is applied to a high-gain amplifier (A0). Because of negative feedback, the differential input to the high-gain amplifier has to be zero; this in turn implies that the differential input voltage to G2 times gm2 (the transconductance of G2) has to be equal to the differential input voltage to G1 times gm1 (the transconductance of G1). Therefore the overall gain function of the AFA is
VOUT gm1 R1 x R2 = x VATTEN gm2 R2
VGN 0.1 F 1 VGN1 2 -IN1 VIN 0.1 F 3 +IN1 VREF 16 OUT1 15 2.500V OUT 0.1 F
AD605
FBK1 14
4 GND1 5 GND2 6 +IN2 7 -IN2 8 VGN2
VPOS 13 VPOS 12 FBK2 11 OUT2 10 VOCM 9
5V
0.1 F
Figure 4. Basic Connections for a Single Channel
(7)
where VOUT is the output voltage, VATTEN is the effective voltage sensed on the attenuator, (R1 + R2)/R2 = 42, and gm1/gm2 = 1.25; the overall gain is thus 52.5 (34.4 dB). The AFA has additional features: (1) inverting the output signal by switching the positive and negative input to the ladder network; (2) the possibility of using the -IN input as a second signal input; and (3) independent control of the DSX common-mode voltage. Under normal operating conditions it is best to just connect a decoupling capacitor to pin VOCM in which case the commonmode voltage of the DSX is half the supply voltage; this allows for maximum signal swing. Nevertheless, the common-mode voltage can be shifted up or down by directly applying a voltage to VOCM. It can also be used as another signal input, the only limitation being the rather low slew rate of the VOCM buffer. If the dc level of the output signal is not critical, another coupling capacitor is normally used at the output of the DSX; again this is done for level shifting and to eliminate any dc offsets contributed by the DSX (see AC Coupling section). The gain range of the DSX is programmable by a resistor connected between pins FBK and OUT. The possible ranges are -14 dB to +34.4 dB when the pins are shorted together, to 0 dB to +48.4 dB when FBK is left open. Note that for the higher gain range, the bandwidth of the amplifier is reduced by a factor of five to about 8 MHz since the gain increased by 14 dB. This is the case for any constant gain bandwidth product amplifier which includes the active feedback amplifier.
APPLICATIONS
As shown here, the output is ac-coupled for optimum performance. In the case of connecting to the 10-bit 40 MSPS A/D converter AD9050, ac coupling can be eliminated as long as pin VOCM is biased by the same 3.3 V common-mode voltage as the AD9050. Pin VREF requires a voltage of 1.25 V to 2.5 V, with gain scaling between 40 dB/V and 20 dB/V, respectively. Voltage VGN controls the gain; its nominal operating range is from 0.25 V to 2.65 V for 20 dB/V gain scaling, and 0.125 V to 1.325 V for 40 dB/V scaling. When this pin is taken to ground, the channel will power down and disable its output.
Connecting Two Amplifiers to Double the Gain Range
Figure 5 shows the two channels of the AD605 connected in series to provide a total gain range of 96.8 dB. When R1 and R2 are shorts, the gain range will be from -28 dB to +68.8 dB with a slightly reduced bandwidth of about 30 MHz. The reduction in bandwidth is due to two identical low-pass circuits being connected in series; in the case of two identical single-pole lowpass filters, the bandwidth would be reduced by exactly 2. If R1 and R2 are replaced by open circuits, i.e., Pins FBK1 and FBK2 are left unconnected, then the gain range will shift up by 28 dB to 0 dB to +96.8 dB. As noted earlier, the bandwidth of each individual channel will be reduced by a factor of 5 to about 8 MHz since the gain increased by 14 dB. In addition, there is still the 2 reduction because of the series connection of the two channels which results in a final bandwidth of the higher gain version of about 6 MHz.
VGN
C1 0.1 F
1 VGN1 2 -IN1
VREF 16 OUT1 15
2.500V R1
The basic circuit in Figure 4 shows the connections for one channel of the AD605 with a gain range of -14 dB to +34.4 dB. The signal is applied at Pin 3. The ac-coupling capacitors before pins -IN1 and +IN1 should be selected according to the required lower cutoff frequency. In this example, the 0.1 F capacitors together with the 175 of each of the DSX input pins provides a -3 dB high-pass corner of about 9.1 kHz. The upper cutoff frequency is determined by the amplifier and is 40 MHz.
VIN C2 0.1 F C3 0.1 F
3 +IN1
AD605
FBK1 14
4 GND1 5 GND2 6 +IN2 7 -IN2 C4 0.1 F 8 VGN2
VPOS 13 VPOS 12 FBK2 11 OUT2 10 VOCM 9 R2
5V C5 0.1 F OUT C6 0.1 F
Figure 5. Doubling the Gain Range with Two Amplifiers
-10-
REV. C
AD605
Two other easy combinations are possible to provide a gain range of -14 dB to +82.8 dB: (1) make R1 a short and R2 an open; or (2) make R1 an open and R2 a short. The bandwidth for both of these cases will be dominated by the channel that is set to the higher gain and will be about 8 MHz. From a noise standpoint, the second choice is the best since by increasing the gain of the first amplifier, the second amplifier's noise will have less of an impact on the total output noise. One further observation regarding noise is that by increasing the gain the output noise will increase proportionally; therefore, there is no increase in signal-to-noise ratio. It will actually stay fixed. It should be noted that by selecting the appropriate values of R1 and R2, any gain range between -28 dB to +68.8 dB and 0 dB to +96.8 dB can be achieved with the circuit in Figure 5. When using any value other than shorts and opens for R1 and R2, the final value of the gain range will depend on external resistors matching on-chip resistors. Since the internal resistors can vary by as much as 20%, the actual values for a particular gain have to be determined empirically. Note that the two channels within one part will match quite well; therefore, R1 will track R2 in Figure 5. C3 is not required since the common-mode voltage at Pin OUT1 should be identical to the one at Pins +IN2 and -IN2. However, since only 1 mV of offset at the output of the first DSX will introduce an offset of 53 mV when the second DSX is set to the maximum gain of the lowest gain range (34.4 dB), and 263 mV when set to the maximum gain of the highest gain range (48.4 dB), it is important to include ac coupling to get the maximum dynamic range at the output of the cascaded amplifiers. C5 is necessary if the output signal needs to be referenced to any common-mode level other than half of the supply as is provided by Pin OUT2. Figure 6 shows the gain versus VGN for the circuit in Figure 5 at 1 MHz and the lowest gain range (-14 dB to +34.4 dB). Note that the gain scaling is 40 dB/V, double the 20 dB/V of an individual DSX; this is the result of the parallel connection of the gain control inputs, VGN1 and VGN2. One could of course also sequentially increase the gain by first increasing the gain of Channel 1 and then Channel 2. In that case VGN1 and VGN2 will have to be driven from separate voltage sources, for instance two separate DACs. Figure 7 shows the gain error of Figure 5.
80 70 60 50 40 f = 1MHz ACTUAL THEORETICAL
GAIN (dB)
30 20 10 0
-10 -20 -30 -40 0.1 0.5 0.9 1.3 1.7 VGN (V) 2.1 2.5 2.9
Figure 6. Gain vs. VGN for the Circuit in Figure 5
4 f = 1MHz 3 2 GAIN ERROR (dB) 1 0 -1 -2 -3 -4 0.2
0.7
1.2
1.7 VGN (V)
2.2
2.7
Figure 7. Gain Error vs. VGN for the Circuit in Figure 5
REV. C
-11-
AD605
OUTLINE DIMENSIONS 16-Lead Plastic Dual In-Line Package [PDIP] (N-16)
Dimensions shown in inches and (millimeters)
0.785 (19.94) 0.765 (19.43) 0.745 (18.92)
16 1 9 8
0.295 (7.49) 0.285 (7.24) 0.275 (6.99)
0.100 (2.54) BSC 0.015 (0.38) MIN 0.180 (4.57) MAX 0.150 (3.81) 0.130 (3.30) 0.110 (2.79)
0.325 (8.26) 0.310 (7.87) 0.300 (7.62)
0.150 (3.81) 0.135 (3.43) 0.120 (3.05)
0.022 (0.56) 0.018 (0.46) 0.014 (0.36)
0.060 (1.52) SEATING PLANE 0.050 (1.27) 0.045 (1.14)
0.015 (0.38) 0.010 (0.25) 0.008 (0.20)
COMPLIANT TO JEDEC STANDARDS MO-095AC CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Standard Small Outline Package [SOIC] Narrow Body (R-16)
Dimensions shown in millimeters and (inches)
10.00 (0.3937) 9.80 (0.3858)
16 1 9 8
4.00 (0.1575) 3.80 (0.1496)
6.20 (0.2441) 5.80 (0.2283)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0039) COPLANARITY 0.10
1.75 (0.0689) 1.35 (0.0531)
0.50 (0.0197) 0.25 (0.0098)
45
8 0.51 (0.0201) SEATING 0.25 (0.0098) 0 1.27 (0.0500) 0.31 (0.0122) PLANE 0.40 (0.0157) 0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012AC CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Revision History
Location 7/04--Data Sheet Changed from REV. B to REV. C. Page
Edits to GENERAL DESCRIPTION ..............................................................................................................................................1 Edits to SPECIFICATIONS ...........................................................................................................................................................2 Edits to ORDERING GUIDE .........................................................................................................................................................3 Change to TPC 22 ..........................................................................................................................................................................6 Updated OUTLINE DIMENSIONS.............................................................................................................................................12 -12- REV. C
C00541-0-7/04(C)


▲Up To Search▲   

 
Price & Availability of AD605BR-REEL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X